Part Number Hot Search : 
LXD975A 5K4164AL CD5373B MATCHED A3935KLQ 24012 09629821 KFX863
Product Description
Full Text Search
 

To Download SB8100FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB8100FCT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 100V CURRENT: 8.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C
ITO-220AB
MECHANICAL DATA
Terminal: JEDEC ITO-220AB molded plastic body over
passivated chip
Case: Plated Insert leads, solderable per MIL-STD-750,
Method 2026
Polarity: Common Cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at 4A Maximum DC Reverse Current at rated DC blocking voltage Typical Thermal Resistance Operating Junction and Storage Temperature Ramge
Note: 1.Thermal Resistance from Junction to Case
SB8100FCT 100 70 100 8 150 0.76 50 4.5 4.2 -65 to +175
units V V V A A V A mA C/W C
Vrrm Vrms Vdc If(av) Ifsm Vf
Ta =25 C Ta =110 C (Note 1)
Ir Rth(jc) Tj Tstg
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB8100FCT
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB8100FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X